PART |
Description |
Maker |
MBR20200CT MBR20200CT_D ON0413 |
SWITCHMODE??Power Dual Schottky Rectifier SWITCHMODEPower Dual Schottky Rectifier 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Dual Schottky Rectifier SCHOTTKY BARRIER RECTIFIER From old datasheet system SWITCHMODE⑩ Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MBRS230LT305 MBRS230LT3G |
2A 30V Low Vf Schottky Rectifier; Package: SMB; No of Pins: 2; Container: Tape and Reel; Qty per Container: 2500 2 A, 30 V, SILICON, RECTIFIER DIODE Surface Mount Schottky Power Rectifier
|
ON Semiconductor
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
FST30050 FST30035 FST30040 FST30045 FST30035A FST3 |
Schottky Rectifier Schottky PowerMod 150 A, 35 V, SILICON, RECTIFIER DIODE, TO-244AB
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-COLORADO
|
CRSH1 CRSH1-10 CRSH1-2 CRSH1-3 CRSH1-4 CRSH1-5 CRS |
SCHOTTKY BARRIER RECTIFIER 1.0 AMPS, 20 THRU 100 VOLTS Leaded Rectifier Schottky
|
Central Semiconductor C... Central Semiconductor Corp
|
U1GWJ2C49 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
SRF8A0 SRF820 SRF830 SRF840 SRF850 SRF860 SRF880 |
SCHOTTKY BARRIER RECTIFIER 肖特基整 SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts, Forward Current - 8.0Amperes
|
涓?捣???绉???????? Shanghai LUNSURE Electronic Technology Co., Ltd. CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
SD1060CT SD10100CT SD1080CT SD1020CT SD1030CT SD10 |
(SD1020CT - SD10100CT) SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
|
PanJit International Inc. PANJIT[Pan Jit International Inc.]
|
SD1060YT SD1040YT SD1080YT SD10100YT SD1020YT SD10 |
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes) (SD1020YT - SD10100YT) SCHOTTKY BARRIER RECTIFIER
|
Pan Jit International I... Panjit International Inc PANJIT[Pan Jit International Inc.]
|